Part Number Hot Search : 
SC470 BZM55C43 STM9435 XXXGPX AS8501 MAX11 MT9173 330M35
Product Description
Full Text Search
 

To Download QTLP321 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4 - PIN POWER LED
PACKAGE DIMENSIONS
0.320 (8.12) 0.280 (7.12)
C. 0.050 (1.25)
RED ORANGE YELLOW
FEATURES
QTLP321C-R QTLP321C-E QTLP321C-Y
C
C 0.320 (8.12) 0.280 (7.12) C - CATHODE A - ANODE
* AllnGaP (Aluminum Indium Gallium Phosphide) technology * High current application
A O 0.126 (3.20 ) O 0.110 (2.80)
A
R0.035 (0.90) R0.020 (0.50)
* Reduced thermal resistance * Tube packaging
5 0.075 (1.90) 0.118 (3.00) 0.079 (2.00) 0.181 (4.60) 0.166 (4.20)
0.303 (7.70) 0.287 (7.50)
DESCRIPTION
This low profile, 4-pin LED provides a more uniform and evenly distributed illumination than existing LED designs. Its unique optical package enables designers to utilize fewer LEDs while achieving superior lighting performance.
0.020 (0.50) 0.212 (5.38) 0.188 (4.78) 0.069 (1.75) 0.053 (1.35) 0.033 (0.85) 0.026 (0.65)
0.024 (0.60) 0.008 (0.20) TYP.
NOTES: 1. Dimensions for all drawings are in inches (mm). 2. Lead spacing is measured where the leads emerge from the package. 3. Protruded resin under the flange is 0.059" (1.5 mm) max. 4. All tolerances are 0.10" (0.25 mm) unless otherwise specified.
APPLICATIONS
* Exterior automotive lighting * Area displays * Backlighting * Message panels
ABSOLUTE MAXIMUM RATINGS
Parameter Operating Temperature Storage Temperature Lead Soldering Time Continuous Forward Current Peak Forward Current (f = 100 Hz, Duty Factor = 1/10) Reverse Voltage Power Dissipation
(TA = 25C unless otherwise specified) Symbol TOPR TSTG TSOL IF IF VR PD Rating -40 to +100 -40 to +100 260 for 5 sec 70 200 5 160 Unit C C C mA mA V mW
1 of 3
1/4/00
300018A
4 - PIN POWER LED
RED ORANGE YELLOW
ELECTRICAL / OPTICAL CHARACTERISTICS
Part Number Luminous Flux (mlm) Minimum Typical Forward Voltage VF (V) Maximum Typical Wavelength (nm) Peak Dominant Spectral Line Half Width (nm) Viewing Angle () 640 630 20 50 620 615 18 50 590 589 15 50 IF = 70 mA IF = 70 mA 2.4 / 2.8 2.0 / 2.2 2.4 / 2.8 2.0 / 2.2 2.4 / 2.8 2.0 / 2.2 IF = 70 mA 500 1300 500 1300 500 1300 IF = 20 / 70 mA QTLP321C-R (TA =25C) QTLP321C-E QTLP321C-Y Condition IF = 70 mA
QTLP321C-R QTLP321C-E QTLP321C-Y
TYPICAL PERFORMANCE CURVES
RELATIVE LUMINOUS FLUX
70 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 1.5 1.7 1.9 2.1 2.3 2.5 2.7 2.9 3.1 0 10 20 30 40 50 60 70 RED YELLOW ORANGE
FORWARD CURRENT (mA)
60 50 40 30 20 10 0 RED
YELLOW ORANGE
FORWARD VOLTAGE (V)
FORWARD CURRENT(mA)
Fig. 1 Forward Current vs. Forward Voltage
1.0
Fig. 2 Relative Luminous Flux vs. Forward Current
ORANGE
0.5 YELLOW RED
REL. LUMINOUS INTENSITY
RELATIVE INTENSITY
1
0.5
0 550 600 650 700
0 90 80 70 60 50 40 30 20 10 0 10 20 30 40 50 60 70 80 90
WAVELENGTH - nm
ANGLE FROM OPTICAL CENTERLINE (DEGREES)
Fig. 3 Relative Intensity vs Peak Wavelength
Fig. 4 Rel. Luminous Intensity vs. Angular Displacement
2 of 3
1/4/00
300018A
4 - PIN POWER LED
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com
(c) 2000 Fairchild Semiconductor Corporation
3 of 3
1/4/00
300018A


▲Up To Search▲   

 
Price & Availability of QTLP321

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X